|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
VCO Product Specification Model: VCO-117TC Rev: Date: 7/18/2002 Customer: SIRENZA MICRODEVICES, INC. Operating Temperature Range: ( -55 to 100 C) Parameter Frequency Range Tuning Voltage: 300 MHz 600 MHz Tuning Sensitivity: 300 MHz 375 MHz 450 MHz 525 MHz 600 MHz Output Power Output Phase Noise: 10 kHz 100 kHz 1000 kHz Power Supply Supply Current Harmonic Suppression: 2nd Harmonic 3rd Harmonic Spurious (Non-Harmonic) Frequency Pushing - 14.7515.25 V Frequency Pulling - 12 dB RL Output Impedance Modulation: Bandwidth Input Impedance Min 300 Typ Max 600 Units MHz X X Remarks 0 1.4 18 20 Vdc Vdc X X 14.9 15.1 18.2 13.8 7.8 10 19.8 20.1 24.2 18.4 10.1 13 24.8 25.1 30.3 23 12.6 16 MHz/V MHz/V MHz/V MHz/V MHz/V dBm X X X X X X -100 -122 -145 14.75 15 14.5 -94 -116 -139 15.25 16 dBc/Hz dBc/Hz dBc/Hz Volts mA X X X X X -12 -12 -10 -10 -80 dBc dBc dBc MHz p-p MHz p-p X X 1 10 50 4 12 kHz k 5000 10000 0.05 Package Information Package Type: Dimensions: TO-8 (Cir) 0.504 x 0.504 x 0.27 inches Drawing Number: Drawing Revision: A8678 P Comments X Indicates parameter to be tested 100% in production Performance tests and ratings for Sirenza Microdevices' products were performed internally by Sirenza and measured using specific computer systems and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user's own risk. Prices and specifications for Sirenza Microdevices' products are subject to change without notice. Buyers should consult Sirenza Microdevices' standard terms and conditions of sale for Sirenza's limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in life-support devices and/or systems. Page 1 of 1 Sirenza Microdevices, Inc. 303 S. Technology Ct. Broomfield, CO 80021 tel 303.327.3030 fax 303.410.7988 |
Price & Availability of VCO-117TC |